PART |
Description |
Maker |
HYB314100BJL-70 HYB314100BJL-60 HYB314100BJ-50 HYB |
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4M X 1 FAST PAGE DRAM, 50 ns, PDSO20 4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4米1位动态随机存储器的低功米1位动态随机存储器 4M X 1 FAST PAGE DRAM, 70 ns, PDSO20 0.300 INCH, PLASTIC, SOJ-26/20 4M x 1-Bit Dynamic RAM(Fast Page Mode)(4M x 1动RAM(快速页面模)
|
http:// Infineon Technologies AG SIEMENS AG
|
HYB514400BJ-BT60 Q67100-Q749 Q67100-Q750 Q67100-Q7 |
1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 70 ns, PDSO20 1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 80 ns, PDSO20 RES 121-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA
|
SIEMENS AG Siemens Semiconductor G...
|
TC511402AJ-60 TC511402AP-60 TC511402ASJ-60 TC51140 |
1,048,576 x 4 BIT DYNAMIC RAM 1048576 x 4 BIT DYNAMIC RAM Darlington Array IC; Transistor Polarity:NPN; Number of Transistors:7; Collector Emitter Voltage, Vceo:1.3V; Package/Case:16-DIP
|
http:// Toshiba Semiconductor Toshiba Corporation
|
HYM322005GS-60 HYM322005GS-50 HYM322005S-60 HYM322 |
2M x 32-Bit Dynamic RAM Module 2M x 32 Bit EDO DRAM Module 2M x 32 Bit DRAM Module 2M x 32-Bit Dynamic RAM Module (Hyper Page Mode - EDO Version) From old datasheet system 2M x 32-Bit Dynamic RAM Module 2M X 32 EDO DRAM MODULE, 50 ns, SMA72
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
MSM5116405C MSM5116405C-50TS-L |
4M X 4 EDO DRAM, 50 ns, PDSO24 4M×4 Dynamic RAM(4M×4动态RAM) 4米4动态RAM米4动态内存) From old datasheet system 4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
|
OKI ELECTRIC INDUSTRY CO LTD OKI SEMICONDUCTOR CO., LTD.
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
TC514400JL TC51440JL-10 TC51440JL-80 TC51440ZL-10 |
80 ns, 4-bit generation dynamic RAM 1,048,576 x 4 BIT DYNAMIC RAM 1,048,576 × 4位动态随机存储器 100 ns, 4-bit generation dynamic RAM
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
HYB5117800BSJ-60 HYB5117800BSJ-50 HYB5117800-60 HY |
2M x 8 Bit 2k 5 V 60 ns FPM DRAM 2M x 8 Bit 2k 3.3 V 60 ns FPM DRAM 2M x 8 Bit 2k 3.3 V 50 ns FPM DRAM 2M x 8 - Bit Dynamic RAM 2k Refresh (Fast Page Mode) 2M x 8-Bit Dynamic RAM From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB514400BJ-60 HYB514400BJ-50 Q67100-Q973 HB4400C |
From old datasheet system 1M x 4-Bit Dynamic RAM 1M x4-Bit Dynamic RAM
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
HYB314171BJ-50- HYB314171BJL-50 HYB314171BJL-70 HY |
3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
|
http:// SIEMENS A G SIEMENS AG
|
HYB314171BJL-70 HYB314171BJL-60 HYB314171BJL-50 HY |
256k x 16 Bit FPM DRAM 3.3 V 60 ns -3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh 256k x 16 Bit FPM DRAM 3.3 V 70 ns From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB5116400BJ-50-60 Q67100-Q1087 HYB3116400BJ HYB31 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 4米4位动态随机存储器2k 4M×4-Bit Dynamic RAM(4M×4动RAM) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
http:// SIEMENS AG
|